PART |
Description |
Maker |
P13-4023 |
Two Part Spring Probe, 1.27mm centres, Serrated Head
|
HARWIN INC
|
S25-326 S25-346 |
INTERCONNECTION DEVICE Sleeve for Two Part Spring Probe P25-XX26, wire wrap (9mm tail)
|
HARWIN INC
|
M90-604 6041645 6040845 |
SPRING PROBE ASSEMBLY LONG TAIL
|
Harwin Plc
|
6061245 6061645 6060845 M90-606 |
SPRING PROBE ASSEMBLY 26 AWG SOLDER TAILS
|
Harwin Plc
|
0907-5-15-20-75-14-11-0 0934-0-15-20-74-14-26-0 09 |
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts BERYLLIUM COPPER, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
N4850A N4860A |
DigRF v3 Acquisition Probe DigRF v3 Stimulus Probe
|
Agilent(Hewlett-Packard)
|
0100565.0000.000.00 0100563.0000.000.00 0100561.00 |
BLANKING PLATE 3/8 BLANKING PLATE 1/4 BLANKING PLATE 1/8 MANIFOLD 2 SEGMENT MANIFOLD 4 POSITION VALVE 5/2 PILOT/PILOT 3/8 VALVE 5/2 PILOT/PILOT 1/4 VALVE 5/2 SOL/SPRING 1/4 VALVE 5/2 SOL/SPRING 1/8 VALVE 5/2 PILOT/PILOT 1/8 VALVE 5/2 SOL/SPRING 3/8 VALVE 5/2 PILOT/SPRING 1/8 VALVE 5/2 PILOT/SPRING 1/4 VALVE 5/2 PILOT/SPRING 3/8 阀5 / 2飞行弹簧3
|
NEC, Corp.
|
QL901M-6PS680 QL901M-6PS680C QL901M-6PS680I |
QuickMIPS ESP Family QuickMIPS ESP家庭 Electrical Spring Connector; Contact Termination:Twist On; Wire Size (AWG):14-10; Body Material:Flame retardant nylon; Contact Material:Spring Steel; Pack Quantity:100; Series:512; Size:2-#18 up to 5-#12; Voltage Rating:600V RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
0549320000 54932-0000 |
MTC?/a> Plastic Lever, For Spring Type Receptacle MTC垄芒 Plastic Lever, For Spring Type Receptacle MOLEX Connector
|
Molex Electronics Ltd.
|
0314022400 |
2.54mm (.100) MX64 Sealed Single Row Crimp Housing, GET Terminal, Green, 2Circuits, Mating Part: Keying D, Lock None 2.54mm (.100") MX64垄芒 Sealed Single Row Crimp Housing, GET Terminal, Green, 2Circuits, Mating Part: Keying D, Lock None
|
Molex Electronics Ltd.
|
|